PART |
Description |
Maker |
B120B10 B1XX-13-F B1XXB-13-F B150-13-F B140-13-F B |
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER RECTIFIER SCHOTTKY SINGLE 1A 50V 30A-Ifsm 0.7Vf 0.5A-IR SMA 5K/REEL 1 A, 50 V, SILICON, SIGNAL DIODE
|
Diodes Incorporated http:// Diodes, Inc.
|
B1100 B1X-13-F B190B-13-F B190-13 B170B-13 B170B-1 |
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER RECTIFIER SCHOTTKY SINGLE 1A 63V 30A-Ifsm 0.79Vf 0.5A-IR SMB 5K/REEL 1 A, 90 V, SILICON, SIGNAL DIODE RECTIFIER SCHOTTKY SINGLE 1A 70V 30A-Ifsm 0.79Vf 0.5A-IR SMB 5K/REEL 1 A, 100 V, SILICON, SIGNAL DIODE 1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
|
Diodes Incorporated Diodes, Inc.
|
SBL3060CTP-15 SBL3060CTP-G |
30A SCHOTTKY BARRIER RECTIFIER
|
Diodes Incorporated
|
MBR2545CT MBR2560CT MBR2550CT MBR2535CT |
RES, SMT 1.5K 1% 1/16W 50V, 0603 30 A, 45 V, SILICON, RECTIFIER DIODE, TO-220AB 30A SCHOTTKY BARRIER RECTIFIER
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
ENA0930 |
Schottky Barrier Diode (Twin Type 隆陇 Cathode Common) 160V, 30A Rectifier
|
Sanyo Semicon Device
|
SBR30M40CTFP-JT-G SBR30M40CTFP-G |
Low Forward Voltage Drop 30A SBR SUPER BARRIER RECTIFIER 30A SBR? SUPER BARRIER RECTIFIER
|
Diodes Incorporated
|
U2JC44 U2BC44 U2GC44 |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE GENERAL PURPOSE RECTIFIER APPLICATIONS TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
SBG3030CT1 SBG3040CT-T-F SBG3060CT-T-F SBG3060CT S |
30A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
DIODES[Diodes Incorporated]
|
S30D40C S30D60C S30D30C S30D35C S30D45C S30D50C |
30A DUAL SCHOTTKY BARRIER RECTIFIER
|
WTE[Won-Top Electronics]
|
FMB-2306 |
30A Schottky barrier diode in TO220F package Schottky Barrier Diode - 60V
|
Sanken Electric Co.,Ltd. SANKEN[Sanken electric]
|
20FQ020 20FQ030 |
V(rwm): 20V; 30A dual schottky power rectifier V(rwm): 30V; 30A dual schottky power rectifier
|
International Rectifier
|
M39208-10WNA6T M39208-12WNA1T M39208-12WNB6T M3920 |
256K X 8 FLASH 2.7V PROM, 120 ns, PDSO32 256K X 8 FLASH 2.7V PROM, 150 ns, PDSO32 256K X 8 FLASH 2.7V PROM, 100 ns, PDSO32 RECTIFIER SCHOTTKY DUAL 5A 40V 110A-Ifsm 0.5Vf 0.2A-IR PowerDI-5 5K/REEL 单芯2 Mbit闪存4千位并行EEPROM存储 Single Chip 2 Mbit Flash and 64 Kbit Parallel EEPROM Memory 单芯2 Mbit闪存4千位并行EEPROM存储 RECTIFIER FAST-RECOVERY SINGLE 1A 200V 30A-ifsm 1.3V-vf 150ns 5uA-ir A405 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1A 200V 30A-ifsm 1.3V-vf 150ns 5uA-ir DO-41 5K/REEL-13 RECTIFIER SCHOTTKY SINGLE 10A 40V 275A-Ifsm 0.51Vf 0.7A-IR PowerDI-5 5K/REEL RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1.2V-vf 150ns 5uA-ir DO-41 5K/REEL-13 DIODE, SCHOTTKY, 40V, 10A, POWER DI 5 RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1.3V-vf 150ns 5uA-ir DO-41 5K/REEL-13
|
NUMONYX STMicroelectronics N.V. ST Microelectronics 意法半导
|